Part Number Hot Search : 
PDMB600 B105J MB39A112 TC642 ATION D5000 4VHC2 1206L
Product Description
Full Text Search
 

To Download NRLM821M250V30X45F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com specifications are subject to change large can aluminum electrolytic capacitors features ? new sizes for low p rofile and high de nsity d esign opt ions ? expanded cv value range ? high ripple current ? long life ? can-top safety vent ? desig ned as input filter of smps ? standard 10mm (.400") snap-in spacing nrlm series specifications (* 47,000 f add 0.14, 68,000 f add 0.35.) notice for mounting the space from the top of the can shall be more than (3mm) from chassis or other construction materials so that safety vent has room to expand in case of emer gen cy. sleeve color: dark blue can top safety vent sleeve and minus polarity marking (4.0mm leads available as option) d+1 max. l 2 6.3 1 0.8 10 (-) (+) maximum ex pan sion for safety vent approx. 3.0mm recommended pc board mounting holes: 10 .1 ? = 2 0.1 d ? 0.5 chassis pc board precautions please review the notes on correct use, safety and precautions found on pages t10 & t11 of nic?s electrolytic capacitor catalog . also found at www.niccomp.com/precautions if in doubt or uncertainty, please review your speci c application - process details with nic?s technical support personnel: tpmg@niccomp.com operating temperature range -40 ~ +85c -25 ~ +85c rated voltage range 16 ~ 250vdc 350 ~ 450vdc rated capacitance range 180 ~ 68,000 f 56 ~ 680 f capacitance tolerance 20% (m) max. leakage current ( a) after 5 minutes (20c) 3 x c( f)v max. tan at 120hz/20c w.v. (vdc) 16 25 35 50 63 80 100 160~450 tan max. 0.50* 0.40* 0.35 0.30 0.25 0.20 0.20 0.15 surge voltage w.v. (vdc) 16 25 35 50 63 80 100 160 s.v. (vdc) 20 32 44 63 79 100 125 200 w.v. (vdc) 180 200 250 350 400 450 - - s.v. (vdc) 220 250 300 400 450 500 - - ripple current correction factors frequency (hz) 50 60 100 120 500 1k 10k ~ 50k - multiplier at 85c 0.75 0.80 0.95 1.00 1.05 1.08 1.15 - low temperature stability (10 to 250vdc) temperature (c) 0 -25 -40 - - - - - capacitance change -5% -15% -30% - - - - - impedance ratio 1.5 3 9 - - - - - load life test 2,000 hours at +85c capacitance change within 20% of initial measured value tan less than 200% of speci ed maximum value leakage current less than speci ed maximum value shelf life test 1,000 hours at +85c (no load) capacitance change within 20% of initial measured value tan less than 200% of speci ed maximum value leakage current less than speci ed maximum value surge voltage test per jis-c-5141 (table #6, #4) surge voltage applied: 30 seconds "on" and 5.5 minutes no voltage "off" capacitance change within 20% of initial measured value tan less than 200% of speci ed maximum value leakage current less than speci ed maximum value soldering effect refer to mil-std-202f method 210a capacitance change within 10% of initial measured value tan less than speci ed maximum value leakage current less than speci ed maximum value *see part number system for details pnbs fdil rohs compliant includes all homogeneous materials
2 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com specifications are subject to change large can aluminum electrolytic capacitors nrlm series standard product list, case size and specifications nrlm 222 m 50v 20x25 f rohs compliant case size (mm) voltage rating tolerance code capacitance code series part number system part number cap ( f) w.v. case size esr ( @ 20c) max. ripple current (arms@85c) 120hz 20khz 120hz 10k ~ 50khz nrlm682m16v20x25f 6,800 16 20x25 0.098 0.083 3.15 3.62 nrlm822m16v20x30f 8,200 20x30 0.081 0.069 3.47 3.99 nrlm103m16v20x35f 10,000 20x35 0.075 0.063 3.78 4.35 nrlm103m16v22x30f 22x30 nrlm103m16v25x25f 25x25 nrlm153m16v20x40f 15,000 20x40 0.053 0.045 5.26 6.05 nrlm153m16v22x35f 22x35 nrlm153m16v25x30f 25x30 nrlm223m16v22x45f 22,000 22x45 0.038 0.032 6.10 7.02 nrlm223m16v25x35f 25x35 nrlm223m16v30x30f 30x30 nrlm333m16v25x50f 33,000 25x50 0.025 0.021 6.84 7.87 nrlm333m16v30x40f 30x40 nrlm333m16v35x30f 35x30 nrlm473m16v30x50f 47,000 30x50 0.021 0.019 7.47 8.59 nrlm473m16v35x50f 35x50 nrlm683m16v35x50f 68,000 35x50 0.018 0.017 9.05 10.41 nrlm472m25v20x25f 4,700 25 20x25 0.113 0.090 3.05 3.51 nrlm682m25v22x30f 6,800 22x30 0.078 0.062 3.47 3.99 nrlm682m25v25x25f 25x25 nrlm822m25v22x30f 8,200 22x30 0.065 0.052 3.57 4.11 nrlm822m25v25x25f 25x25 nrlm103m25v22x35f 10,000 22x35 0.058 0.046 3.78 4.35 nrlm103m25v25x30f 25x30 nrlm103m25v30x25f 30x25 nrlm153m25v22x50f 15,000 22x50 0.039 0.031 4.63 5.32 nrlm153m25v25x40f 25x40 nrlm153m25v30x30f 30x30 nrlm223m25v25x50f 22,000 25x50 0.029 0.023 6.10 7.02 nrlm223m25v30x40f 30x40 nrlm333m25v30x50f 33,000 30x50 0.020 0.017 6.84 7.87 nrlm333m25v35x40f 35x40 nrlm473m25v35x50f 47,000 35x50 0.017 0.015 8.00 9.20 nrlm222m35v22x25f 2,200 35 22x25 0.181 0.136 1.40 1.61 nrlm332m35v20x25f 3,300 20x25 0.111 0.083 2.73 3.14 nrlm472m35v20x35f 4,700 20x35 0.078 0.058 3.26 3.75 nrlm472m35v22x30f 22x30 nrlm472m35v25x25f 25x25 nrlm682m35v22x35f 6,800 22x35 0.066 0.049 3.68 4.23 nrlm682m35v25x30f 25x30 nrlm822m35v25x35f 8,200 25x35 0.057 0.042 4.00 4.60 nrlm103m35v22x45f 10,000 22x45 0.050 0.037 4.42 5.08 nrlm103m35v25x40f 25x40 nrlm103m35v30x30f 30x30 nrlm103m35v35x25f 35x25 nrlm153m35v25x50f 15,000 25x50 0.036 0.027 5.57 6.41 nrlm153m35v30x40f 30x40 nrlm153m35v35x30f 35x30 nrlm223m35v30x50f 22,000 30x50 0.026 0.020 6.10 7.02 nrlm223m35v35x40f 35x40 nrlm333m35v35x50f 33,000 35x50 0.018 0.014 7.15 8.22
3 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com specifications are subject to change large can aluminum electrolytic capacitors nrlm series standard product list, case size and specifications part number cap ( f) w.v. case size esr ( @ 20c) max. ripple current (arms@85c) 120hz 20khz 120hz 10k ~ 50khz nrlm222m50v20x25f 2,200 50 20x25 0.151 0.113 2.26 2.60 nrlm332m50v22x30f 3,300 22x30 0.100 0.075 2.73 3.14 nrlm332m50v25x25f 25x25 nrlm472m50v25x30f 4,700 25x30 0.071 0.053 3.03 3.48 nrlm472m50v30x25f 30x25 nrlm682m50v25x40f 6,800 25x40 0.049 0.037 3.85 4.43 nrlm682m50v30x30f 30x30 nrlm822m50v25x45f 8,200 25x45 0.040 0.030 4.41 5.07 nrlm822m50v30x35f 30x35 nrlm103m50v25x50f 10,000 25x50 0.036 0.027 4.97 5.72 nrlm103m50v30x40f 30x40 nrlm103m50v35x30f 35x30 nrlm153m50v30x50f 15,000 30x50 0.028 0.021 6.44 7.41 nrlm153m50v35x40f 35x40 nrlm223m50v35x50f 22,000 35x50 0.021 0.017 7.57 8.71 nrlm102m63v22x25f 1,000 63 22x25 0.381 0.286 1.20 1.38 nrlm222m63v20x35f 2,200 20x35 0.151 0.113 2.52 2.90 nrlm222m63v22x30f 22x30 nrlm222m63v25x25f 25x25 nrlm332m63v22x40f 3,300 22x40 0.105 0.079 4.10 4.72 nrlm332m63v25x30f 25x30 nrlm332m63v30x25f 30x25 nrlm472m63v22x50f 4,700 22x50 0.081 0.061 4.86 5.59 nrlm472m63v25x40f 25x40 nrlm472m63v30x30f 30x30 nrlm472m63v35x25f 35x25 nrlm682m63v25x50f 6,800 25x50 0.061 0.046 5.84 6.72 nrlm682m63v30x40f 30x40 nrlm682m63v35x50f 35x30 nrlm822m63v30x45f 8,200 30x45 0.051 0.046 6.00 6.90 nrlm822m63v35x35f 35x35 nrlm103m63v35x40f 10,000 35x40 0.041 0.033 6.52 7.50 nrlm123m63v35x50f 12,000 35x50 0.035 0.028 7.15 8.22 nrlm152m80v20x35f 1,500 80 20x35 0.177 0.133 2.26 2.60 nrlm152m80v22x30f 22x30 nrlm152m80v25x25f 25x25 nrlm222m80v22x40f 2,200 22x40 0.121 0.090 2.73 3.14 nrlm222m80v25x30f 25x30 nrlm222m80v30x25f 30x25 nrlm332m80v22x50f 3,300 22x50 0.085 0.064 3.21 3.69 nrlm332m80v25x40f 25x40 nrlm332m80v30x30f 30x30 nrlm472m80v25x50f 4,700 25x50 0.063 0.048 4.09 4.70 nrlm472m80v30x40f 30x40 nrlm682m80v30x50f 6,800 30x50 0.046 0.035 5.16 5.93 nrlm682m80v35x40f 35x40 nrlm822m80v35x50f 8,200 35x50 0.038 0.029 5.83 6.70 nrlm102m100v20x35f 1,000 100 20x35 0.216 0.140 1.96 2.25 nrlm102m100v22x30f 22x30 nrlm102m100v25x25f 25x25 nrlm152m100v22x40f 1,500 22x40 0.155 0.101 2.57 2.96 nrlm152m100v25x30f 25x30 nrlm152m100v30x25f 30x25 nrlm222m100v25x40f 2,200 25x40 0.121 0.078 3.14 3.61 nrlm222m100v30x30f 30x30 nrlm332m100v25x50f 3,300 25x50 0.090 0.059 4.06 4.67 nrlm332m100v30x40f 30x40 nrlm472m100v30x50f 4,700 30x50 0.071 0.049 5.13 5.90 nrlm472m100v35x40f 35x40 nrlm682m100v35x50f 6,800 35x50 0.049 0.037 6.60 7.59
4 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com specifications are subject to change part number cap ( f) w.v. case size esr ( @ 20c) max. ripple current (arms@85c) 120hz 20khz 120hz 10k ~ 50khz nrlm331m160v22x25f 330 160 22x25 0.553 0.276 1.45 2.03 nrlm471m160v22x30f 470 22x30 0.423 0.212 2.50 2.95 nrlm471m160v25x25f 25x25 nrlm681m160v25x35f 680 25x35 0.293 0.146 2.50 3.50 nrlm681m160v30x25f 30x25 nrlm821m160v25x35f 820 25x35 0.263 0.131 2.75 3.85 nrlm821m160v30x30f 30x30 nrlm102m160v25x45f 1,000 25x45 0.232 0.128 3.00 4.20 nrlm102m160v30x35f 30x35 nrlm102m160v35x30f 35x30 nrlm152m160v30x45f 1,500 30x45 0.166 0.910 3.73 5.22 nrlm152m160v35x45f 35x45 nrlm222m160v35x45f 2,200 35x45 0.113 0.073 4.78 6.69 nrlm221m200v22x25f 220 200 22x25 0.904 0.407 0.87 1.22 nrlm221m200v25x25f 25x25 nrlm331m200v20x35f 330 20x35 0.553 0.249 1.56 2.18 nrlm331m200v22x30f 22x30 nrlm331m200v25x25f 25x25 nrlm471m200v22x35f 470 22x35 0.388 0.175 1.85 2.59 nrlm471m200v25x30f 25x30 nrlm471m200v30x25f 30x25 nrlm681m200v22x45f 680 22x45 0.268 0.121 2.68 3.75 nrlm681m200v25x35f 25x35 nrlm681m200v30x30f 30x30 nrlm821m200v25x45f 820 25x45 0.243 0.109 2.93 4.10 nrlm821m200v30x35f 30x35 nrlm821m200v35x25f 35x25 nrlm102m200v25x50f 1,000 25x50 0.199 0.090 3.25 4.55 nrlm102m200v30x40f 30x40 nrlm102m200v35x30f 35x30 nrlm152m200v30x50f 1,500 30x50 0.144 0.072 3.87 5.42 nrlm152m200v35x40f 35x40 nrlm222m200v35x50f 2,200 35x50 0.098 0.054 4.92 6.89 nrlm221m250v22x30f 220 250 22x30 0.904 0.360 1.17 1.64 nrlm221m250v25x25f 25x25 nrlm331m250v22x35f 330 22x35 0.653 0.261 1.75 2.45 nrlm331m250v25x30f 25x30 nrlm331m250v30x25f 30x25 nrlm471m250v22x45f 470 22x45 0.388 0.155 2.11 2.95 nrlm471m250v25x40f 25x40 nrlm471m250v30x30f 30x30 nrlm681m250v25x50f 680 25x50 0.268 0.107 2.50 3.50 nrlm681m250v30x40f 30x40 nrlm681m250v35x30f 35x30 NRLM821M250V30X45F 820 30x45 0.222 0.089 2.77 3.88 nrlm821m250v35x45f 35x45 nrlm102m250v30x50f 1,000 30x50 0.199 0.090 3.32 4.65 nrlm102m250v35x40f 35x40 nrlm152m250v30x50f 1,500 30x50 0.168 0.083 3.87 4.94 nrlm152m250v35x40f 35x40 nrlm152m250v35x50f 1,500 35x50 0.133 0.066 4.04 5.66 large can aluminum electrolytic capacitors nrlm series standard product list, case size and specifications
5 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com specifications are subject to change part number cap ( f) w.v. case size esr ( @ 20c) max. ripple current (arms@85c) 120hz 20khz 120hz 10k ~ 50khz nrlm101m350v20x35f 100 350 20x35 1.658 0.580 0.91 1.27 nrlm101m350v22x30f 22x30 nrlm151m350v22x35f 150 22x35 1.105 0.387 1.12 1.57 nrlm151m350v25x30f 25x30 nrlm151m350v30x25f 30x25 nrlm221m350v22x45f 220 22x45 0.754 0.264 1.44 2.02 nrlm221m350v25x40f 25x40 nrlm221m350v30x30f 30x30 nrlm221m350v35x25f 35x25 nrlm331m350v25x50f 330 25x50 0.502 0.176 1.88 2.63 nrlm331m350v30x40f 30x40 nrlm331m350v35x50f 35x30 nrlm471m350v30x50f 470 30x50 0.388 0.136 2.40 3.36 nrlm471m350v35x40f 35x40 nrlm561m350v35x45f 560 35x45 0.355 0.142 2.60 3.64 nrlm681m350v35x50f 680 35x50 0.293 0.117 2.96 4.14 nrlm680m400v20x30f 68 400 20x30 2.438 0.853 0.76 1.06 nrlm680m400v22x25f 22x25 nrlm820m400v20x30f 82 20x30 2.022 0.708 0.83 1.16 nrlm820m400v22x25f 22x25 nrlm101m400v20x35f 100 20x35 1.658 0.580 0.92 1.29 nrlm101m400v22x30f 22x30 nrlm101m400v25x25f 25x25 nrlm151m400v25x30f 150 25x30 1.105 0.387 1.16 1.62 nrlm151m400v30x25f 30x25 nrlm221m400v25x40f 220 25x40 0.754 0.264 1.49 2.09 nrlm221m400v30x30f 30x30 nrlm331m400v30x40f 330 30x40 0.553 0.193 1.90 2.66 nrlm331m400v35x45f 35x45 nrlm471m400v35x45f 470 35x45 0.388 0.136 2.39 3.35 nrlm560m450v20x30f 56 450 20x30 2.960 1.184 0.70 0.98 nrlm560m450v22x25f 22x25 nrlm680m450v22x25f 68 22x25* 2.438 0.975 0.76 1.06 nrlm680m450v22x30f 22x30 nrlm820m450v20x35f 82 20x35 2.022 0.809 0.83 1.16 nrlm820m450v22x30f 22x30 nrlm820m450v25x25f 25x25 nrlm101m450v22x35f 100 22x35 1.658 0.663 0.93 1.30 nrlm101m450v25x30f 25x30 nrlm101m450v30x25f 30x25 nrlm221m450v25x50f 220 25x50 0.754 0.301 1.55 2.17 nrlm221m450v30x40f 30x40 nrlm221m450v35x30f 35x30 nrlm331m450v30x50f 330 30x50 0.533 0.249 2.01 2.81 nrlm331m450v35x40f 35x40 nrlm471m450v35x50f 470 35x50 0.423 0.233 2.53 3.54 * special size. large can aluminum electrolytic capacitors nrlm series standard product list, case size and specifications


▲Up To Search▲   

 
Price & Availability of NRLM821M250V30X45F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X